Part Number Hot Search : 
1N4798 MIC70506 4951A AP1038 8002G BCW30 F130452 97A37
Product Description
Full Text Search
 

To Download LTC1666CGTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ltc1666/ltc1667/ltc1668 applicatio s u features descriptio u typical applicatio n u 12-bit, 14-bit, 16-bit, 50msps dacs n 50msps update rate n pin compatible 12-bit, 14-bit and 16-bit devices n high spectral purity: 87db sfdr at 1mhz f out n 5pv-s glitch impulse n differential current outputs n 20ns settling time n low power: 180mw from 5v supplies n ttl/cmos (3.3v or 5v) inputs n small package: 28-pin ssop the ltc ? 1666/ltc1667/ltc1668 are 12-/14-/16-bit, 50msps differential current output dacs implemented on a high performance bicmos process with laser trimmed, thin-film resistors. the combination of a novel current- steering architecture and a high performance process produces dacs with exceptional ac and dc performance. the ltc1668 is the first 16-bit dac in the marketplace to exhibit an sfdr (spurious free dynamic range) of 87db for an output signal frequency of 1mhz. operating from 5v supplies, the ltc1666/ltc1667/ ltc1668 can be configured to provide full-scale output currents up to 10ma. the differential current outputs of the dacs allow single-ended or true differential operation. the C1v to 1v output compliance of the ltc1666/ ltc1667/ltc1668 allows the outputs to be connected directly to external resistors to produce a differential out- put voltage without degrading the converters linearity. al- ternatively, the outputs can be connected to the summing junction of a high speed operational amplifier, or to a transformer. the ltc1666/ltc1667/ltc1668 are pin compatible and are available in a 28-pin ssop and are fully specified over the industrial temperature range. , ltc and lt are registered trademarks of linear technology corporation. n cellular base stations n multicarrier base stations n wireless communication n direct digital synthesis (dds) n xdsl modems n arbitrary waveform generation n automated test equipment n instrumentation ltc1668, 16-bit, 50msps dac + v ss v dd ?v clock input 16-bit data input ladcom agnd dgnd clk db15 db0 1666/7/8 ta01 i out a 0.1 f ltc1668 5v 52.3 i refin refout comp1 comp2 c2 0.1 f 0.1 f c1 0.1 f r set 2k i out b 52.3 v out 1v p-p differential + 0.1 f 16-bit high speed dac 2.5v reference ltc1668 sfdr vs f out and f clock f out (mhz) 0.1 sfdr (db) 100 90 80 70 60 50 1.0 10 100 1666/7/8 g05 5msps 25msps 50msps digital amplitude = 0dbfs
2 ltc1666/ltc1667/ltc1668 ltc1666cg ltc1666ig t jmax = 110 c, q ja = 100 c/w order part number consult ltc marketing for parts specified with wider operating temperature ranges. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 top view g package 28-lead plastic ssop 28 27 26 25 24 23 22 21 20 19 18 17 16 15 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 (lsb) db14 db15 (msb) clk v dd dgnd v ss comp2 comp1 i out a i out b ladcom agnd i refin refout supply voltage (v dd ) ................................................ 6v negative supply voltage (v ss ) ............................... C 6v total supply voltage (v dd to v ss ) .......................... 12v digital input voltage .................... C 0.3v to (v dd + 0.3v) analog output voltage (i out a and i out b ) ........ (v ss C 0.3v) to (v dd + 0.3v) package/order i for atio uu w absolute axi u rati gs w ww u 1 2 3 4 5 6 7 8 9 10 11 12 13 14 top view g package 28-lead plastic ssop 28 27 26 25 24 23 22 21 20 19 18 17 16 15 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 (lsb) nc nc nc nc db10 db11 (msb) clk v dd dgnd v ss comp2 comp1 i out a i out b ladcom agnd i refin refout 1 2 3 4 5 6 7 8 9 10 11 12 13 14 top view g package 28-lead plastic ssop 28 27 26 25 24 23 22 21 20 19 18 17 16 15 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 (lsb) nc nc db12 db13 (msb) clk v dd dgnd v ss comp2 comp1 i out a i out b ladcom agnd i refin refout power dissipation ............................................. 500mw operating temperature range ltc1666c/ltc1667c/ltc1668c ........... 0 c to 70 c ltc1666i/ltc1667i/ltc1668i .......... C 40 c to 85 c storage temperature range ................ C 65 c to 150 c lead temperature (soldering, 10 sec).................. 300 c (note 1) t jmax = 110 c, q ja = 100 c/w t jmax = 110 c, q ja = 100 c/w ltc1668cg ltc1668ig order part number ltc1667cg ltc1667ig order part number
3 ltc1666/ltc1667/ltc1668 the l denotes specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. v dd = 5v, v ss = C 5v, ladcom = agnd = dgnd = 0v, i outfs = 10ma. electrical characteristics ltc1666 ltc1667 ltc1668 symbol parameter conditions min typ max min typ max min typ max units dc accuracy (measured at i out a , driving a virtual ground) resolution l 12 14 16 bits monotonicity 12 14 14 bits inl integral nonlinearity (note 2) 1 2 8 lsb dnl differential nonlinearity (note 2) 1 1 1 4 lsb offset error 0.1 0.2 0.1 0.2 0.1 0.2 % fsr offset error drift 5 5 5 ppm/ c ge gain error internal reference, r irefin = 2k 2 2 2 % fsr external reference, 1 1 1 % fsr v ref = 2.5v, r irefin = 2k gain error drift internal reference 50 50 50 ppm/ c external reference 30 30 30 ppm/ c psrr power supply v dd = 5v 5% 0.1 0.1 0.1 % fsr/v rejection ratio v ss = C 5v 5% 0.2 0.2 0.2 % fsr/v ac linearity sfdr spurious free dynamic f clk = 25msps, f out = 1mhz range to nyquist 0db fs output 76 78 78 87 db C 6db fs output 87 db C12db fs output 83 db f clk = 50msps, f out = 1mhz 85 db f clk = 50msps, f out = 2.5mhz 81 db f clk = 50msps, f out = 5mhz 79 db f clk = 50msps, f out = 20mhz 70 db spurious free dynamic f clk = 25msps, 85 86 86 96 db range within a window f out = 1mhz, 2mhz span f clk = 50msps, 88 db f out = 5mhz, 4mhz span thd total harmonic distortion f clk = 25msps, f out = 1mhz C75 C77 C 84 C 77 db f clk = 50msps, f out = 5mhz C 78 db
4 ltc1666/ltc1667/ltc1668 the l denotes specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. v dd = 5v, v ss = C 5v, ladcom = agnd = dgnd = 0v, i outfs = 10ma. electrical characteristics ltc1666/ltc1667/ltc1668 symbol parameter conditions min typ max units analog output i outfs full-scale output current l 110ma output compliance range i fs = 10ma l C1 1 v output resistance; r iout a , r iout b i out a, b to ladcom l 0.7 1.1 1.5 k w output capacitance 5pf reference output reference voltage refout tied to i refin through 2k w 2.475 2.5 2.525 v reference output drift 25 ppm/ c reference output load regulation i load = 0ma to 5ma 6 mv/ma reference input reference small-signal bandwidth i fs = 10ma, c comp1 = 0.1 m f 20 khz power supply v dd positive supply voltage l 4.75 5 5.25 v v ss negative supply voltage l C4.75 C5 C5.25 v i dd positive supply current i fs = 10ma, f clk = 25msps, f out = 1mhz l 35ma i ss negative supply current i fs = 10ma, f clk = 25msps, f out = 1mhz l 33 40 ma p dis power dissipation i fs = 10ma, f clk = 25msps, f out = 1mhz 180 mw i fs = 1ma, f clk = 25msps, f out = 1mhz 85 mw dynamic performance (differential transformer coupled output, 50 w double terminated, unless otherwise noted) f clock maximum update rate l 50 75 msps t s output settling time to 0.1% fsr 20 ns t pd output propagation delay 8ns glitch impulse single ended 15 pv-s differential 5 pv-s t r output rise time 4ns t f output fall time 4ns i no output noise 50 pa/ ? hz digital input s v ih digital high input voltage l 2.4 v v il digital low input voltage l 0.8 v i in digital input current l 10 m a c in digital input capacitance 5pf t ds input setup time l 8ns t dh input hold time l 4ns t clkh clock high time l 5ns t clkl clock low time l 8ns note 1: absolute maximum ratings are those values beyond which the life of the device may be impaired. note 2: for the ltc1666, 1lsb = 0.024% of full scale; for the ltc1667, 1lsb = 0.006% of full scale = 61ppm of full scale; for the ltc1668, 1lsb = 0.0015% of full scale = 15.3ppm of full scale.
5 ltc1666/ltc1667/ltc1668 frequency (mhz) 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 100 signal amplitude (dbfs) 1666/7/8 g01 05 10 15 20 25 sfdr = 87db f clock = 50msps f out = 1.002mhz ampl = 0dbfs = 8.25dbm typical perfor a ce characteristics uw single tone sfdr at 50msps 2-tone sfdr frequency (mhz) 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 100 signal amplitude (dbfs) 1666/7/8 g02 4.5 5.0 5.5 sfdr > 86db f clock = 50msps f out1 = 4.9mhz f out2 = 5.09mhz ampl = 0dbfs 4-tone sfdr, f clock = 50msps 4-tone sfdr, f clock = 5msps sfdr vs f out and digital amplitude (dbfs) at f clock = 5msps sfdr vs f out and f clock frequency (mhz) 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 100 ?10 signal amplitude (dbfs) 1666/7/8 g03 1 4.6 8.2 11.8 15.4 19 sfdr > 74db f clock = 50msps f out1 = 5.02mhz f out2 = 6.51mhz f out3 = 11.02mhz f out4 = 12.51mhz ampl = 0dbfs frequency (mhz) 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 100 ?10 signal amplitude (dbfs) 1666/7/8 g04 0.1 0.46 0.82 1.18 1.54 1.9 sfdr > 82db f clock = 5msps f out1 = 0.5mhz f out2 = 0.65mhz f out3 = 1.10mhz f out4 = 1.25mhz ampl = 0dbfs f out (mhz) 0.1 sfdr (db) 100 90 80 70 60 50 1.0 10 100 1666/7/8 g05 5msps 25msps 50msps digital amplitude = 0dbfs f out (mhz) 100 95 90 85 80 75 70 65 60 55 50 sfdr (db) 1666/7/8 g06 0 0.4 0.8 1.2 1.6 2.0 ?2dbfs 6dbfs 0dbfs (ltc1668) f out (mhz) 0 sfdr (db) 4 8 10 95 90 85 80 75 70 65 60 55 50 1666/7/8 g07 26 ?2dbfs 6dbfs 0dbfs f out (mhz) 0 sfdr (db) 10 20 90 85 80 75 70 65 60 55 50 1666/7/8 g08 515 ?2dbfs 6dbfs 0dbfs f out (mhz) 0 sfdr (db) 10 95 90 85 80 75 70 65 60 55 50 1666/7/8 g09 2.5 5 7.5 digital amplitude = 0dbfs i outfs = 2.5ma i outfs = 5ma i outfs = 10ma sfdr vs f out and digital amplitude (dbfs) at f clock = 25msps sfdr vs f out and digital amplitude (dbfs) at f clock = 50msps sfdr vs f out and i outfs at f clock = 25msps
6 ltc1666/ltc1667/ltc1668 integral nonlinearity digital input code ? integral nonlinearity (lsb) ? ? ? 0 5 2 16384 32768 1666/7/8 g18 ? 3 4 1 49152 65535 typical perfor a ce characteristics uw sfdr vs digital amplitude (dbfs) and f clock at f out = f clock /11 single-ended outputs full-scale transition differential output full-scale transition single-ended output full-scale transition differential output full-scale transition differential midscale glitch impulse single-ended midscale glitch impulse digital amplitude (dbfs) 100 95 90 85 80 75 70 65 60 55 50 sfdr (db) 1666/7/8 g10 ?0 ?5 ?0 ? 0 455khz at 5msps 4.55mhz at 50msps 2.277mhz at 25msps digital amplitude (dbfs) 100 95 90 85 80 75 70 65 60 55 50 sfdr (db) 1666/7/8 g11 ?0 ?5 ?0 ? 0 1mhz at 5msps 10mhz at 50msps 5mhz at 25msps 100mv /div clk in 5v/div 1666/7/8 g12 5ns/div v(i outb ) v(i outa ) ffff 0000 clock input sfdr vs digital amplitude (dbfs) and f clock at f out = f clock /5 100mv /div clk in 5v/div 1666/7/8 g13 5ns/div v(i outa ) ?v(i outb ) ffff 0000 100mv /div clk in 5v/div 1666/7/8 g14 5ns/div v(i outa ) v(i outb ) ffff 0000 clock input 100mv /div clk in 5v/div 1666/7/8 g15 5ns/div v(i outa ) ?v(i outb ) ffff 0000 1mv/div clk in 5v/div 1666/7/8 g16 5ns/div v(i outa ), v(i outb ) 7fff 8000 1mv/div clk in 5v/div 1666/7/8 g17 5ns/div v(i outa ) ?v(i outb ) 7fff 8000 (ltc1668)
7 ltc1666/ltc1667/ltc1668 typical perfor a ce characteristics uw differential nonlinearity digital input code 0 differential nonlinearity (lsb) 0 1.0 65535 1666/7/8 g19 ?.0 2.0 16384 32768 49152 2.0 0.5 0.5 ?.5 1.5 (ltc1668) uu u pi fu ctio s ltc1666 refout (pin 15): internal reference voltage output. nominal value is 2.5v. requires a 0.1 m f bypass capacitor to agnd. i refin (pin 16): reference input current. nominal value is 1.25ma for i fs = 10ma. i fs = i refin ? 8. agnd (pin 17): analog ground. ladcom (pin 18): attenuator ladder common. normally tied to gnd. i out b (pin 19): complementary dac output current. full- scale output current occurs when all data bits are 0s. i out a (pin 20): dac output current. full-scale output current occurs when all data bits are 1s. comp1 (pin 21): current source control amplifier com- pensation. bypass to v ss with 0.1 m f. comp2 (pin 22): internal bypass point. bypass to v ss with 0.1 m f. v ss (pin 23): negative supply voltage. nominal value is C 5v. dgnd (pin 24): digital ground. v dd (pin 25): positive supply voltage. nominal value is 5v. clk (pin 26): clock input. data is latched and the output is updated on positive edge of clock. db11 to db0 (pins 27, 28, 1 to 10 ): digital input data bits.
8 ltc1666/ltc1667/ltc1668 ltc1667 refout (pin 15): internal reference voltage output. nominal value is 2.5v. requires a 0.1 m f bypass capacitor to agnd. i refin (pin 16): reference input current. nominal value is 1.25ma for i fs = 10ma. i fs = i refin ? 8. agnd (pin 17): analog ground. ladcom (pin 18): attenuator ladder common. normally tied to gnd. i out b (pin 19): complementary dac output current. full- scale output current occurs when all data bits are 0s. i out a (pin 20): dac output current. full-scale output current occurs when all data bits are 1s. comp1 (pin 21): current source control amplifier com- pensation. bypass to v ss with 0.1 m f. comp2 (pin 22): internal bypass point. bypass to v ss with 0.1 m f. v ss (pin 23): negative supply voltage. nominal value is C 5v. dgnd (pin 24): digital ground. v dd (pin 25): positive supply voltage. nominal value is 5v. clk (pin 26): clock input. data is latched and the output is updated on positive edge of clock. db13 to db0 (pins 27, 28, 1 to 12 ): digital input data bits. ltc1668 refout (pin 15): internal reference voltage output. nominal value is 2.5v. requires a 0.1 m f bypass capacitor to agnd. i refin (pin 16): reference input current. nominal value is 1.25ma for i fs = 10ma. i fs = i refin ? 8. agnd (pin 17): analog ground. ladcom (pin 18): attenuator ladder common. normally tied to gnd. i out b (pin 19): complementary dac output current. full- scale output current occurs when all data bits are 0s. i out a (pin 20): dac output current. full-scale output current occurs when all data bits are 1s. comp1 (pin 21): current source control amplifier com- pensation. bypass to v ss with 0.1 m f. comp2 (pin 22): internal bypass point. bypass to v ss with 0.1 m f. v ss (pin 23): negative supply voltage. nominal value is C 5v. dgnd (pin 24): digital ground. v dd (pin 25): positive supply voltage. nominal value is 5v. clk (pin 26): clock input. data is latched and the output is updated on positive edge of clock. db15 to db0 (pins 27, 28, 1 to 14 ): digital input data bits. uu u pi fu ctio s
9 ltc1666/ltc1667/ltc1668 block diagra w + i fs /8 i refin i int r set 2k 0.1 f 0.1 f 0.1 f ?v 0.1 f refout v dd v ref 15 16 comp1 21 comp2 v ss 22 23 2.5v reference attenuator ladder lsb switches input latches clock input 12-bit data input segmented switches for db15?b12 current source array agnd 17 dgnd 24 clk db0 db11 ?? ?? ?? ? 26 27 10 1666 bd 18 ladcom 20 i out a 19 i out b 52.3 52.3 v out 1v p-p differential + 0.1 f 25 5v + i fs /8 i refin i int r set 2k 0.1 f 0.1 f 0.1 f ?v 0.1 f refout v ref 15 16 comp1 21 comp2 v ss 22 23 2.5v reference attenuator ladder lsb switches input latches clock input 14-bit data input segmented switches for db15?b12 current source array agnd 17 dgnd 24 clk db0 db13 ?? ?? ?? ? 26 27 12 1667 bd 18 ladcom 20 i out a 19 i out b 52.3 52.3 v out 1v p-p differential + 0.1 f 25 5v v dd ltc1666 ltc1667
10 ltc1666/ltc1667/ltc1668 block diagra w ti i g diagra u ww 1666/7/8 td t ds t dh clk n ?1 n ?1 n n n + 1 data input i out a /i out b t clkl t clkh t pd 0.1% t st + i fs /8 i refin i int r set 2k 0.1 f 0.1 f 0.1 f ?v 0.1 f refout v ref 15 16 comp1 21 comp2 v ss 22 23 2.5v reference attenuator ladder lsb switches input latches clock input 16-bit data input segmented switches for db15?b12 current source array agnd 17 dgnd 24 clk db0 db15 ?? ?? ?? ? 26 27 14 1668 bd 18 ladcom 20 i out a 19 i out b 52.3 52.3 v out 1v p-p differential + 0.1 f 25 5v v dd ltc1668
11 ltc1666/ltc1667/ltc1668 applicatio s i for atio wu uu theory of operation the ltc1666/ltc1667/ltc1668 are high speed current steering 12-/14-/16-bit dacs made on an advanced bicmos process. precision thin film resistors and well matched bipolar transistors result in excellent dc linearity and stability. a low glitch current switching design gives excellent ac performance at sample rates up to 50msps. the devices are complete with a 2.5v internal bandgap reference and edge triggered latches, and set a new standard for dac applications requiring very high dy- namic range at output frequencies up to several mega- hertz. referring to the block diagrams, the dacs contain an array of current sources that are steered to i outa or i outb with nmos differential current switches. the four most significant bits are made up of 15 current segments of equal weight. the remaining lower bits are binary weighted, using a combination of current scaling and a differential resistive attenuator ladder. all bits and segments are precisely matched, both in current weight for dc linearity, and in switch timing for low glitch impulse and low spurious tone ac performance. setting the full-scale current, i outfs the full-scale dac output current, i outfs , is nominally 10ma, and can be adjusted down to 1ma. placing a resistor, r set , between the refout pin, and the i refin pin sets i outfs as follows. the internal reference control loop amplifier maintains a virtual ground at i refin by servoing the internal current source, i int , to sink the exact current flowing into i refin . i int is a scaled replica of the dac current sources and i outfs = 8 ? (i int ), therefore: i outfs = 8 ? (i refin ) = 8 ? (v ref /r set ) (1) for example, if r set = 2k and is tied to v ref = refout = 2.5v, i refin = 2.5/2k = 1.25ma and i outfs = 8 ? (1.25ma) = 10ma. the reference control loop requires a capacitor on the comp1 pin for compensation. for optimal ac perfor- mance, c comp1 should be connected to v ss and be placed very close to the package (less than 0.1"). for fixed reference voltage applications, c comp1 should be 0.1 m f or more. the reference control loop small-signal bandwidth is approximately 1/(2 p ) ? c comp1 ? 80 or 20khz for c comp1 = 0.1 m f. reference operation the onboard 2.5v bandgap voltage reference drives the refout pin. it is trimmed and specified to drive a 2k resistor tied from refout to i refin , corresponding to a 1.25ma load (i outfs = 10ma). refout has nominal output impedance of 6 w , or 0.24% per ma, so it must be buffered to drive any additional external load. a 0.1 m f capacitor is required on the refout pin for compensa- tion. note that this capacitor is required for stability, even if the internal reference is not being used. external reference operation figure 1, shows how to use an external reference to control the ltc1666/ltc1667/ltc1668 full-scale current. figure 1. using the ltc1666/ltc1667/ltc1668 with an external reference refout + i refin 2.5v reference r set 0.1 f 5v 1666/7/8 f02 external reference ltc1666/ ltc1667/ ltc1668
12 ltc1666/ltc1667/ltc1668 adjusting the full-scale output in figure 2, a serial interfaced dac is used to set i outfs . the ltc1661 is a dual 10-bit v out dac with a buffered voltage output that swings from 0v to v ref . dac transfer function the ltc1666/ltc1667/ltc1668 use straight binary digital coding. the complementary current outputs, i out a and i out b , sink current from 0 to i outfs . for i outfs = 10ma (nomi- nal), i out a swings from 0ma when all bits are low (e.g., code = 0) to 10ma when all bits are high (e.g., code = 65535 for ltc1668) (decimal representation). i out b is comple- mentary to i out a . i out a and i out b are given by the following formulas: ltc1666: i out a = i outfs ? (dac code/4096) (2) i out b = i outfs ? (4095 C dac code)/4096 (3) ltc1667: i out a = i outfs ? (dac code/16384) (4) i out b = i outfs ? (16383 C dac code)/16384 (5) ltc1668: i out a = i outfs ? (dac code/65536) (6) i out b = i outfs ? (65535 C dac code)/65536 (7) in typical applications, the ltc1666/ltc1667/ltc1668 differential output currents either drive a resistive load directly or drive an equivalent resistive load through a transformer, or as the feedback resistor of an i-to-v converter. the voltage outputs generated by the i out a and i out b output currents are then: figure 2. adjusting the full-scale current of the ltc1666/ltc1667/ltc1668 with a dac applicatio s i for atio wu uu v out a = i out a ? r load (8) v out b = i out b ? r load (9) the differential voltage is: v diff = v out a C v out b (10) = (i out a C i out b ) ? (r load ) substituting the values found earlier for i out a , i out b and i outfs (ltc1668): v diff = {2 ? dac code C 65535)/65536} ? 8 ? (r load /r set ) ? (v ref ) (11) from these equations some of the advantages of differen- tial mode operation can be seen. first, any common mode noise or error on i out a and i out b is cancelled. second, the signal power is twice as large as in the single-ended case. third, any errors and noise that multiply times i out a and i out b , such as reference or i outfs noise, cancel near midscale, where ac signal waveforms tend to spend the most time. fourth, this transfer function is bipolar; e.g. the output swings positive and negative around a zero output at mid-scale input, which is more convenient for ac applications. note that the term (r load /r set ) appears in both the differential and single-ended transfer functions. this means that the gain error of the dac depends on the ratio of r load to r set , and the gain error tempco is affected by the temperature tracking of r load with r set . note also that the absolute tempco of r load is very critical for dc nonlinearity. as the dac output changes from 0ma to 10ma the r load resistor will heat up slightly, and even a very low tempco can produce enough inl bowing to be significant at the 16-bit level. this effect disappears with medium to high frequency ac signals due to the slow thermal time constant of the load resistor. analog outputs the ltc1666/ltc1667/ltc1668 have two complemen- tary current outputs, i out a and i out b (see dac transfer function). the output impedance of i out a and i out b (r iout a and r iout b ) is typically 1.1k w to ladcom. (see figure 3.) + i refin 2.5v reference r set 1.9k ref 0.1 f 1/2 ltc1661 5v 1666/7/8 f03 ltc1666/ ltc1667/ ltc1668
13 ltc1666/ltc1667/ltc1668 applicatio s i for atio wu uu ladcom the ladcom pin is the common connection for the internal dac attenuator ladder. it usually is tied to analog ground, but more generally it should connect to the same potential as the load resistors on i out a and i out b . the ladcom pin carries a constant current to v ss of approxi- mately 0.32 ? (i outfs ), plus any current that flows from i out a and i out b through the r iout a and r iout b resistors. output compliance the specified output compliance voltage range is 1v. the dc linearity specifications, inl and dnl, are trimmed and guaranteed on i out a into the virtual ground of an i-to-v converter, but are typically very good over the full output compliance range. above 1v the output current will start to increase as the dac current steering switch impedance decreases, degrading both dc and ac linear- ity. below C1v, the dac switches will start to approach the transition from saturation to linear region. this will de- grade ac performance first, due to nonlinear capacitance and increased glitch impulse. ac distortion performance is optimal at amplitudes less than 0.5v p-p on i out a and i out b due to nonlinear capacitance and other large-signal effects. at first glance, it may seem counter-intuitive to decrease the signal amplitude when trying to optimize sfdr. however, the error sources that affect ac perfor- mance generally behave as additive currents, so decreas- ing the load impedance to reduce signal voltage amplitude will reduce most spurious signals by the same amount. figure 4. ac characterization setup (ltc1668) + 16-bit high speed dac hp1663ea logic analyzer with pattern generator v ss v dd ?v ladcom agnd dgnd clk db15 db0 16 digital data clk in 1666/7/8 f05 i out a 0.1 f ltc1668 5v i refin refout comp1 comp2 c2 0.1 f 0.1 f out 1 out 2 c1 0.1 f r set 2k i out b hp8110a dual pulse generator low jitter clock source clk in 50 0.1 f 50 to hp3589a spectrum analyzer 50 input 110 mini-circuits t1?t 2.5v reference figure 3. equivalent analog output circuit 20 19 23 18 r iout b 1.1k 5pf 5pf ?v 1666/7/8 f04 r iout a 1.1k ladcom i out a i out b v ss 52.3 52.3 ltc1666/ltc1667/ltc1668
14 ltc1666/ltc1667/ltc1668 applicatio s i for atio wu uu operating with reduced output currents the ltc1666/ltc1667/ltc1668 are specified to operate with full-scale output current, i outfs , from the nominal 10ma down to 1ma. this can be useful to reduce power dissipation or to adjust full-scale value. however, the dc and ac accuracy is specified only at i outfs = 10ma, and dc and ac accuracy will fall off significantly at lower i outfs values. at i outfs = 1ma, the ltc1668 inl and dnl typically degrade to the 14-bit to 13-bit level, compared to 16-bit to 15-bit typical accuracy at 10ma i outfs . increas- ing i outfs from 1ma, the accuracy improves rapidly, roughly in proportion to 1/i outfs . note that the ac perfor- mance (sfdr) is affected much more by reduced i outfs than it is by reduced digital amplitude (see typical perfor- mance characteristics). therefore it is usually better to make large gain adjustments digitally, keeping i outfs equal to 10ma. output configurations based on the specific application requirements, the ltc1666/ltc1667/ltc1668 allow a choice of the best of several output configurations. voltage outputs can be generated by external load resistors, transformer coupling or with an op amp i-to-v converter. single-ended dac output configurations use only one of the outputs, prefer- ably i out a , to produce a single-ended voltage output. differential mode configurations use the difference be- tween i out a and i out b to generate an output voltage, v diff , as shown in equation 11. differential mode gives much better accuracy in most ac applications. because the dac chip is the point of interface between the digital input signals and the analog output, some small amount of noise coupling to i out a and i out b is unavoidable. most of that digital noise is common mode and is canceled by the differential mode circuit. other significant digital noise components can be modeled as v ref or i outfs noise. in single-ended mode, i outfs noise is gone at zero scale and is fully present at full scale. in differential mode, i outfs noise is cancelled at midscale input, corresponding to zero analog output. many ac signals, including broadband and multitone communications signals with high peak to aver- age ratios, stay mostly near midscale. differential transformer-coupled outputs differential transformer-coupled output configurations usually give the best ac performance. an example is shown in figure 5. the advantages of transformer cou- pling include excellent rejection of common mode distor- tion and noise over a broad frequency range and conve- nient differential-to-single-ended conversion with isola- tion or level shifting. also, as much as twice the power can be delivered to the load, and impedance matching can be accomplished by selecting the appropriate transformer turns ratio. the center tap on the primary side of the transformer is tied to ground to provide the dc current path for i out a and i out b . for low distortion, the dc average of the i out a and i out b currents must be exactly equal to avoid biasing the core. this is especially impor- tant for compact rf transformers with small cores. the circuit in figure 5 uses a mini-circuits t1-1t rf trans- former with a 1:1 turns ratio. the load resistance on i out a and i out b is equivalent to a single differential resistor of 50 w , and the 1:1 turns ratio means the output impedance from the transformer is 50 w . note that the load resistors are optional, and they dissipate half of the output power. however, in lab environments or when driving long transmission lines it is very desirable to have a 50 w output impedance. this could also be done with a 50 w resistor at the transformer secondary, but putting the load resistors on i out a and i out b is preferred since it reduces the current through the transformer. at signal frequencies lower than about 1mhz, the transformer core size required to maintain low distortion gets larger, and at some lower frequencies this becomes impractical. figure 5. differential transformer-coupled outputs i out b i out a 50 50 110 mini-circuits t1-1t r load 1666/7/8 f06 ltc1666/ ltc1667/ ltc1668
15 ltc1666/ltc1667/ltc1668 applicatio s i for atio wu uu resistor loaded outputs a differential resistor loaded output configuration is shown in figure 6. it is simple and economical, but it can drive only differential loads with impedance levels and ampli- tudes appropriate for the dac outputs. the recommended single-ended resistor loaded configu- ration is essentially the same circuit as the differential resistor loaded, casesimply use the i out a output, referred to ground. rather than tying the unused i out b output to ground, it is preferred to load it with the equiva- lent r load of i out a . then i out b will still swing with a waveform complementary to i out a . helps reduce distortion by limiting the high frequency signal amplitude at the op amp inputs. the circuit swings 1v around ground. figure 8 shows a simplified circuit for a single-ended output using i-to-v converter to produce a unipolar buffered voltage output. this configuration typically has the best dc linearity performance, but its ac distortion at higher frequencies is limited by u1s slewing capabilities. digital interface the ltc1666/ltc1667/ltc1668 have parallel inputs that are latched on the rising edge of the clock input. they accept cmos levels from either 5v or 3.3v logic and can accept clock rates of up to 50mhz. referring to the timing diagram and block diagram, the data inputs go to master-slave latches that update on the rising edge of the clock. the input logic thresholds, v ih = 2.4v min, v il = 0.8v max, work with 3.3v or 5v cmos levels over temperature. the guaranteed setup time, t ds , is 8ns minimum and the hold time, t dh , is 4ns minimum. the minimum clock high and low times are guaranteed at 6ns and 8ns, respectively. these specifications allow the ltc1666/ltc1667/ltc1668 to be clocked at up to 50msps minimum. for best ac performance, the data and clock waveforms need to be clean and free of undershoot and overshoot. clock and data interconnect lines should be twisted pair, coax or microstrip, and proper line termination is impor- tant. if the digital input signals to the dac are considered as analog ac voltage signals, they are rich in spectral components over a broad frequency range, usually in- op amp i to v converter outputs adding an op amp differential to single-ended converter circuit to the differential resistor loaded output gives the circuit of figure 7. this circuit complements the capabilities of the trans- former-coupled application at lower frequencies, since available op amps can deliver good ac distortion perfor- mance at signal frequencies of a few mhz down to dc. the optional capacitor adds a single real pole of filtering, and figure 6. differential resistor-loaded output i out b i out a 52.3 52.3 1666/7/8 f07 ltc1666/ ltc1667/ ltc1668 figure 8. single-ended op amp i to v converter 200 1666/7/8 f09 i out a i out b ladcom r fb 200 v out 0v to 2v i outfs 10ma c out + u1 lt 1812 ltc1666/ ltc1667/ ltc1668 i out b i out a 52.3 500 52.3 1666/7/8 f08 + 200 500 200 60pf lt1809 1v 10dbm v out ltc1666/ ltc1667/ ltc1668 figure 7. differential to single-ended op amp i-v converter
16 ltc1666/ltc1667/ltc1668 applicatio s i for atio wu uu cluding the output signal band of interest. therefore, any direct coupling of the digital signals to the analog output will produce spurious tones that vary with the exact digital input pattern. clock jitter should be minimized to avoid degrading the noise floor of the device in ac applications, especially where high output frequencies are being generated. any noise coupling from the digital inputs to the clock input will cause phase modulation of the clock signal and the dac waveform, and can produce spurious tones. it is normally best to place the digital data transitions near the falling clock edge, well away from the active rising clock edge. because the clock signal contains spectral components only at the sampling frequency and its multiples, it is usually not a source of in band spurious tones. overall, it is better to treat the clock as you would an analog signal and route it separately from the digital data input signals. the clock trace should be routed either over the analog ground plane or over its own section of the ground plane. the clock line needs to have accurately controlled imped- ance and should be well terminated near the ltc1666/ ltc1667/ltc1668. printed circuit board layout considerations grounding, bypassing and output signal routing the close proximity of high frequency digital data lines and high dynamic range, wide-band analog signals makes clean printed circuit board design and layout an absolute necessity. figures 11 to 15 are the printed circuit board layers for an ac evaluation circuit for the ltc1668. ground planes should be split between digital and analog sections as shown. all bypass capacitors should have minimum trace length and be ceramic 0.1 m f or larger with low esr. bypass capacitors are required on v ss , v dd and refout, and all connected to the agnd plane. the comp2 pin ties to a node in the output current switching circuitry, and it requires a 0.1 m f bypass capacitor. it should be bypassed to v ss along with comp1. the agnd and dgnd pins should both tie directly to the agnd plane, and the tie point between the agnd and dgnd planes should nominally be near the dgnd pin. ladcom should either be tied directly to the agnd plane or be bypassed to agnd. the i out a and i out b traces should be close together, short, and well matched for good ac cmrr. the transformer output ground should be capable of optionally being isolated or being tied to the agnd plane, depending on which gives better performance in the system. suggested evaluation circuit figure 10 is the schematic and figures 11 to 15 are the circuit board layouts for a suggested evaluation circuit, dc245a. the circuit can be programmed with component selection and jumpers for a variety of differentially coupled transformer output and differential and single-ended re- sistor loaded output configurations. refout ladcom i out a v out i out b i refin clk ltc1668 u2 q-channel refout ladcom i out a i out b i refin clk ltc1668 u1 i-channel 52.3 52.3 52.3 52.3 low-pass filter low-pass filter clock input ref 1/2 ltc1661 u3 serial input 2k 2.1k 21k 0.1 f 0.1 f 90 local oscillator qam output quadrature modulator 5% relative gain adjustment range 1666/7/8 f10 figure 9. qam modulation using ltc1668 with digitally controlled i vs q channel gain adjustment
17 ltc1666/ltc1667/ltc1668 applicatio s i for atio wu uu figure 10. suggested evaluation circuit j4 v out j5 i out b j6 extclk jp9 123 15 16 r3 1.91k 0.1% r2 200 jp1 c17 0.1 f ltc1668 20 19 21 22 23 18 c7 0.1 f 5v ?v tp5 testpoint wht c3 0.1 f c18 0.1 f 25 17 24 c10 0.1 f c11 0.1 f r9 50 0.1% r12 49.9 1% jp6 r10 50 0.1% c12 22pf c12 22pf c9 0.1 f c8 0.1 f c8 0.1 f jp5 tp3 testpoint wht jp7 jp3 r5 r6 r7 110 jp4 jp2 5v refout refin 27 28 1 2 3 4 5 6 7 8 9 10 11 12 13 14 26 db15 (msb) db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 (lsb) clk 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 i out a i out b comp1 comp2 v ss ladcom v dd agnd dgnd r4 j2 i out a c4 r8 3 2 1 4 t1 mini- circuits t1?t 6 c5 jp8 tp4 testpoint wht 2 4 6 1 3 5 rn5 +5vd 22 +5vd j7 j10 tp6 testpoint red 4 2 5v 6 lt1460dcs8-2.5 amp 102159-9 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 rn6 22 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 tp2 testpoint wht 2.5v ref tp10 testpoint blk tp1 v in v out gnd c2 0.1 f c1 0.1 f j1 extref r1 10 + c19 0.1 f c14 10 f 25v ?v agnd dgnd j9 tp8 testpoint red ground plane tie point + c20 0.1 f c16 10 f 25v 1666/7/8 f11 c22 0.1 f +5va j8 j11 tp7 testpoint red tp9 testpoint blk + c23 0.1 f c15 10 f 25v c21 0.1 f optional sip pull-up/ pull-down resistors (not installed) optional sip pull-up/ pull-down resistors (not installed) +5vd r16 0 r15 0 r14 0 r13 0
18 ltc1666/ltc1667/ltc1668 applicatio s i for atio wu uu figure 11. suggested evaluation circuit boardsilkscreen
19 ltc1666/ltc1667/ltc1668 figure 12. suggested evaluation circuit boardcomponent side applicatio s i for atio wu uu
20 ltc1666/ltc1667/ltc1668 applicatio s i for atio wu uu figure 13. suggested evaluation circuit boardgnd plane
21 ltc1666/ltc1667/ltc1668 applicatio s i for atio wu uu figure 14. suggested evaluation circuit boardpower plane
22 ltc1666/ltc1667/ltc1668 figure 15. suggested evaluation circuit boardsolder side applicatio s i for atio wu uu
23 ltc1666/ltc1667/ltc1668 u package descriptio g28 ssop 0501 .13 ?.22 (.005 ?.009) 0 ?8 .55 ?.95 (.022 ?.037) 5.20 ?5.38** (.205 ?.212) 7.65 ?7.90 (.301 ?.311) 1234 5 6 7 8 9 10 11 12 14 13 10.07 ?10.33* (.397 ?.407) 25 26 22 21 20 19 18 17 16 15 23 24 27 28 1.73 ?1.99 (.068 ?.078) .05 ?.21 (.002 ?.008) .65 (.0256) bsc .25 ?.38 (.010 ?.015) millimeters (inches) dimensions do not include mold flash. mold flash shall not exceed .152mm (.006") per side dimensions do not include interlead flash. interlead flash shall not exceed .254mm (.010") per side * ** note: 1. controlling dimension: millimeters 2. dimensions are in 3. drawing not to scale information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights. g package 28-lead plastic ssop (5.3mm) (reference ltc dwg # 05-08-1640)
24 ltc1666/ltc1667/ltc1668 ? linear technology corporation 2000 166678f lt/tp 0701 2k ? printed in usa linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 l fax: (408) 434-0507 l www.linear.com related parts typical applicatio u figure 16. arbitrary waveform generator has 10v output swing, 50msps dac update rate refout ladcom i out a i out b i refin ltc1668 52.3 52.3 r set 2k + v ss agnd dgnd clk db15-db0 comp1 comp2 0.1 f 0.1 f 0.1 f ?v 5v clock input 18-bit data input v dd 100pf lt1227 1k v out 10v 1666/7/8 f17 1k part number description comments adcs ltc1406 8-bit, 20msps adc undersampling capability up to 70mhz input ltc1411 14-bit, 2.5msps adc ltc1420 12-bit, 10msps adc 72db sinad at 5mhz f in ltc1604/ltc1608 16-bit, 333ksps/500ksps adcs 16-bit, no missing codes, 90db sinad, C100db thd dacs ltc1591/ltc1597 parallel 14/16-bit current output dacs on-chip 4-quadrant resistors ltc1595/ltc1596 serial 16-bit current output dacs low glitch, 1lsb maximum inl, dnl ltc1650 serial 16-bit voltage output dac low power, deglitched, 4-quadrant multiplying v out dac, 4.5v output swing, 4 m s settling time ltc1655(l) single 16-bit v out dac with serial interface in so-8 5v (3v) single supply, rail-to-rail output swing ltc1657(l) 16-bit parallel voltage output dac 5v (3v) low power, 16-bit monotonic over temp., multiplying capability amplifiers lt1809/lt1810 single/dual 180mhz, 350v/ m s op amp rail-to-rail input and output, low distortion lt1812/lt1813 single/dual 100mhz, 750v/ m s op amp 3.6ma supply current, 8nv/ ? hz input noise voltage


▲Up To Search▲   

 
Price & Availability of LTC1666CGTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X